Part Number Hot Search : 
T2700M TCA965B BAS40LP BD546B 83026AMI SLE4441C F20M40CT BAS40LP
Product Description
Full Text Search
 

To Download KTC3600S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
VHF/UHF WIDE BAND AMPLIFIER APPLICATION.
KTC3600S
EPITAXIAL PLANAR NPN TRANSISTOR
FEATURES
Low Noise Figure, High Gain. NF=1.1dB, |S21e| =13dB (f=1GHz).
D
2
L
E B
L
2 A G H 1
3
MAXIMUM RATING (Ta=25
CHARACTERISTIC Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Collector Power Dissipation Junction Temperature Storage Temperature Range
)
SYMBOL VCBO VCEO VEBO IC PC Tj Tstg RATING 20 10 1.5 40 150 150 -55 150 UNIT
P P
V V V mA mW
C N J
DIM A B C D E G H J K L M N P
MILLIMETERS _ 2.93 + 0.20 1.30+0.20/-0.15 1.30 MAX 0.40+0.15/-0.05 2.40+0.30/-0.20 1.90 0.95 0.13+0.10/-0.05 0.00 ~ 0.10 0.55 0.20 MIN 1.00+0.20/-0.10 7
K
M
1. EMITTER 2. BASE 3. COLLECTOR
SOT-23
Marking
h FE Rank Lot No.
Type Name
R
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC Collector Cut-off Current Emitter Cut-off Current DC Current Gain Collector Output Capacitance Reverse Transfer Capacitance Transition Frequency Insertion Gain |S21e|2 (2) NF (1) Noise Figure NF (2) VCE=8V, IC=5mA, f=2GHz 1.7 dB Note 1 : hFE Classification H:50~100, J:80~160, K:125~250 Note 2 : Cre is measured by 3 terminal method with capacitance bridge. VCE=8V, IC=20mA, f=2GHz VCE=8V, IC=5mA, f=1GHz 7 1.1 2.5 dB dB SYMBOL ICBO IEBO hFE (Note1) Cob VCB=10V, IE=0, f=1MHz (Note2) Cre fT |S21e|2 (1) VCE=8V, IC=20mA VCE=8V, IC=20mA, f=1GHz 7 10 0.5 10 13 0.95 pF GHz dB TEST CONDITION VCB=10V, IE=0 VEB=1V, IC=0 VCE=8V, IC=20mA MIN. 50 TYP. 0.7 MAX. 1 1 250 pF UNIT A A
2007. 8. 22
Revision No : 0
1/5
KTC3600S
TYPICAL CHARACTERISTICS (Ta=25 C)
OUTPUT CAPACITANCE C ob (pF) REVERSE TRANSFER CAPACITANCE C re (pF)
h FE - I C
300 DC CURRENT GAIN h FE 200
C ob , C re - VCB
5 3
f=1MHz Ta=25 C
100 70 50 30
VCE=8V Ta=25 C
1 0.5 0.3
C ob C re
10 1 2 3 5 7 10 20 30 50 COLLECTOR CURRENT I C (mA)
0.1 0.1 0.3 0.5 1 3 5 10 COLLECTOR-BASE VOLTAGE VCB (V)
f T - IC
TRANSITION FREQUENCY f T (GHz)
VCE=8V Ta=25 C
S 2le
(dB) 12 10 8 6 4 2 0
2
- IC
12 10 8 6 4 2 0 1
INSERTION GAIN S 2le
2
VCE=8V f=2GHz Ta=25 C
3
5
7 10
30
1
3
5
7 10
30
COLLECTOR CURRENT IC (mA)
COLLECTOR CURRENT I C (mA)
S 2le
(dB) 30
2
-f
5
NF - I C
VCE=8V Ta=25 C
NOISE FIGURE NF (dB)
2
25 20 15 10 5 0 0.1
VCE=8V IC=20mA Ta=25 C
S 2le
4 3
f=2G Hz
INSERTION GAIN
2 1 0
Hz f=1G
0.2
0.3
0.5 0.7 1
2
3
1
2
3
5
7 10
20
30
50
FREQUENCY f (GHz)
COLLECTOR CURRENT IC (mA)
2007. 8. 22
Revision No : 0
2/5
KTC3600S
10 (dB) 8 6 4 2 0 0 2 4 6 8 10
IC =20mA f=2GHz Ta=25 C
COLLECTOR POWER DISSIPATION P C (mW)
S 2le
2
- VCE
Pc - Ta
300
INSERTION GAIN S 2le
2
200
100
0 0 50 100 150
COLLECTOR-EMITTER VOLTGE VCE (V)
AMBIENT TEMPERATURE Ta ( C)
S-PARAMETER (VCE=8V, IC=5mA, ZO=50
Frequency (MHz) 200 400 600 800 1000 1200 1400 1600 1800 2000 Mag. 0.683 0.462 0.343 0.282 0.249 0.236 0.233 0.234 0.238 0.251
, Ta=25 )
|S21| Ang. -50.1 -86.9 -113.1 -133.6 -151.0 -166.6 179.7 168.3 158.6 149.6 Mag. 10.186 7.472 5.618 4.407 3.663 3.128 2.759 2.457 2.224 2.038 Ang. 138.3 114.6 100.9 91.7 84.7 78.7 73.1 68.2 63.4 59.4 Mag. 0.049 0.071 0.086 0.101 0.115 0.131 0.150 0.168 0.185 0.203 |S12| Ang. 62.0 54.3 53.8 55.3 57.2 58.9 60.1 60.0 60.0 60.4 Mag. 0.773 0.556 0.448 0.392 0.360 0.339 0.330 0.319 0.311 0.302 |S22| Ang. -30.0 -39.6 -41.7 -41.6 -41.7 -41.7 -42.8 -45.0 -47.9 -50.2
|S11|
(VCE=8V, IC=20mA, ZO=50
Frequency (MHz) 200 400 600 800 1000 1200 1400 1600 1800 2000 Mag. 0.319 0.213 0.185 0.176 0.174 0.178 0.186 0.194 0.199 0.215 |S11|
, Ta=25 )
|S21| Ang. -91.9 -134.2 -160.0 -178.2 167.8 156.8 147.5 139.7 133.7 127.8 Mag. 18.338 10.303 7.111 5.415 4.400 3.712 3.236 2.874 2.583 2.369 Ang. 116.7 99.2 90.3 84.3 79.2 74.8 70.3 66.3 62.6 58.8 Mag. 0.033 0.054 0.076 0.098 0.120 0.143 0.168 0.190 0.211 0.232 |S12| Ang. 65.3 68.9 70.8 71.2 71.1 70.3 68.7 66.6 64.9 63.5 Mag. 0.494 0.312 0.258 0.236 0.228 0.226 0.226 0.223 0.216 0.211 |S22| Ang. -43.5 -42.4 -37.6 -34.3 -32.0 -31.5 -32.8 -35.9 -39.0 -41.9
2007. 8. 22
Revision No : 0
3/5
KTC3600S
S11e VCE =8V I C =5mA Ta=25 C (UNIT : )
S21e VCE =8V I C =5mA Ta=25 C j50 120 90
10
60
8 0.4 6 1.0 0.8 4 1.2 2 1.6 2.0
j25
j100
f=0.2GHz
j150 j10
2.0 10 25
150
30
j250
0
1.6 1.2 0.8
50
100
250
_ + 180
10
8
6
4
2
0
0
-j10
0.4 f=0.2GHz
-j250 -j150 -150 -30
-j25
-j100 -120 -j50 -90 -60
S12e VCE =8V I C =5mA Ta=25 C 120
90
0.25 0.20 2.0 0.15
60
S22e VCE =8V I C =5mA Ta=25 C (UNIT : ) j25
j50
j100 j150
150
0.10 0.05
1.6 1.2 0.8 0.4 f=0.2GHz 0.05 0.10 0.15 0.20
30 j10
j250
_ + 180
0
0.25
0
10
25
50 0.8
100
250
0
1.6 0.4 1.2 f=0.2GHz
-j10 -150 -30 -j25 -120 -90 -60 -j50
2.0
-j250
-j150 -j100
2007. 8. 22
Revision No : 0
4/5
KTC3600S
S11e VCE =8V I C =20mA Ta=25 C (UNIT : ) j25
j50
S21e VCE =8V I C =20mA Ta=25 C 90
20
120 j100 j150 150
0.4 f=0.2GHz 16 12
60
30
8 0.6 1.2 1.6 2.0
j10
2.0 1.6 25 1.2 0.8 0.4
j250
4 50 100 250
0
10
_ + 180
20
16
12
8
4
0
0
-j10
f=0.2GHz
-j250 -j150 -j25 -j100 -120 -j50 -90 -60
-150
-30
S12e VCE =8V I C =20mA Ta=25 C 120
90
0.25
60
0.20 1.6 0.15 2.0
S22e VCE =8V I C =20mA Ta=25 C (UNIT : ) j25 30 j10
j50
j100 j150 j250
150
0.10 0.05
1.2 0.8 0.4 f=0.2GHz 0 0.05 0.10 0.15 0.20
_ + 180
0.25
0
10
25
50 1.2 1.6 2.0 0.8 0.4
100
250
0
-j10 -150 -30 -j25 -120 -90 -60 -j50
f=0.2GHz
-j250 -j150 -j100
2007. 8. 22
Revision No : 0
5/5


▲Up To Search▲   

 
Price & Availability of KTC3600S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X